PART |
Description |
Maker |
TL432 TL432L-T92-K TL432-AB3-R TL432-AE3-R TL432-A |
1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
|
UTC[Unisonic Technologies]
|
AZ432 |
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
|
Diodes Incorporated
|
AZ432ANTR-G1 AZ432AZ-G1 AZ432AKTR-G1 AZ432ARTR-G1 |
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manuf...
|
B432CZ B432 B432AK3 B432AM B432AZ B432BK3 B432BM B |
1.25V Adjustable Shunt Regulator
|
BayLinear List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
AZ431-A AZ431-B AZ431A-A AZ431A-B AZ431AX-A AZ431A |
ADJUSTABLE PRECISION SHUNT REGULATORS ADJUSTABLE PRECISION SHUNT REGULATORS 可调节精密并联稳压器 15/PLASTIC JS/DSUB/RND CAB/100 PAK 可调式精密并联稳压器
|
BCD Semiconductor Manuf... http:// BCD Semiconductor Manufacturing Limited BCDSEMI BCD Semiconductor Manufacturing, Ltd.
|
LT1800CS5PBF LT1800-15 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp.
|
ISL72991RHF/PROTO ISL72991RHQF ISL72991RHVX ISL729 |
CONNECTOR ACCESSORY 2.25 V-26 V ADJUSTABLE NEGATIVE LDO REGULATOR, 1 V DROPOUT, CDFP28 Radiation Hardened Negative Low Dropout Adjustable Voltage Regulator 2.25 V-26 V ADJUSTABLE NEGATIVE LDO REGULATOR, 1 V DROPOUT, CDFP28 Cabinet Rack Front Panel; External Height:15.75"; External Width:19"; Enclosure Color:White; Enclosure Material:Aluminum; Weight:3.62lb; Thickness:0.12" 辐射加固负低压差可调稳压 Regulator, Neg Voltage LDO, Rad-Hard, Adjustable -2.25V to -26V
|
Intersil, Corp. Intersil Corporation
|
OM1320NKM OM1320N2M OM1320NMM |
1.5 A???1.2 To 37V ,Three Terminal, Precision Adjustable Positive Voltage Regulator 1.5A.27V,三端精密可调正电压稳压 1.5 A???1.2 To 37V ,Three Terminal, Precision Adjustable Positive Voltage Regulator 1.5A.237V,三端精密可调正电压稳压 1.5 A茂录?1.2 To 37V ,Three Terminal, Precision Adjustable Positive Voltage Regulator
|
Electronic Theatre Controls, Inc. Cypress Semiconductor, Corp.
|
IDT71128 IDT71128S12Y IDT71128S12YI IDT71128S15Y I |
Precision Adjustable (Programmable) Shunt Reference 8-SOIC -40 to 125 Precision Adjustable (Programmable) Shunt Reference 8-TSSOP -40 to 125 CMOS Static RAM 1 Meg (256K x 4-Bit) Revolutionary Pinout 256K x 4 Static RAM Center Pwr & Gnd Pinout
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
TL431LP TL431D TL431S TL431 |
Precision Adjustable Precision Adjustable
|
CalogicLLC CALOGIC[Calogic, LLC]
|
TL432CZ TL432Z TL432AZ TL432-AZ TL432-AZSF TL432-C |
Low Voltage(1.24V) Adjustable Precision Shunt Regulator Low Voltage(1.24V) Adjustable Precision Shunt Regulator 低电压(两种器件)可调精密并联稳压器
|
HTC Korea TAEJIN Techno... HTC[HTC Korea TAEJIN Technology Co.] TAEJIN Technology Co., Ltd. Sharp, Corp.
|